Part Number Hot Search : 
48F70 1106FD 15KE130 MAX664 SA20A CD17HS 91MT120K RM78704
Product Description
Full Text Search
 

To Download 1N4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FORMOSA MS
1N4148/1N4448
High-speed switching diode
Features
1. 2. High reliability High speed (t rr= 4 ns)
Applications
Extreme fast switches
Construction
Silicon epitaxial planar
Absolute Maximum Ratings
Tj=25? Parameter Repetitive peak reverse voltage Reverse voltage Peak forward surge current Repetitive peak forward voltage Forward current Average forward current Power dissipation Junction temperature Storage temperature range VR =0 I=4mm TL= 25? tp=1 s Test Conditions Type Symbol VRRM VR IFSM IFRM IF IFAV PV Tj Tstg Value 100 75 2 500 300 150 500 175 -65~+175 Unit V V A mA mA mA mW ? ?
Maximum Thermal Resistance
Tj=25? Parameter Junction ambient Test Conditions I=4mm TL=constant Symbol RthJA Value 350 Unit K/W
FORMOSA MS
1
FORMOSA MS
1N4148/1N4448
Electrical Characteristics
Tj=25? Parameter Forward voltage IF =5mA IF =10mA IF =100mA Reverse current VR =20V VR =20V, Tj=150? VR =75V Breakdown current Diode capacitance Rectification efficiency Reverse recovery time IR =100 A,tp/T=0.01,tp=0.3ms VR =0, f=1MHz, VHF =50mV VHF =2V, f=100MHz IF = IR =10mA, iR =1mA IF =10mA, VR =6V, iR =0.1x IR , RL=100O Test Conditions Type 1N4448 1N4148 1N4448 Symbol VF VF VF IR IR IR V(BR) CD ?
R
Min 0.62
Typ 0.86 0.93
Max 0.72 1 1 25 50 5
Unit V V V nA A A V pF % ns ns
100 4 45 8 4
trr trr
Characteristics (Tj=25? unless otherwise specified)
1N4148 1N4448
FORMOSA MS
2
FORMOSA MS
1N4148/1N4448
Dimensions in mm
Standard Glass Case JEDEC DO 35
FORMOSA MS
3


▲Up To Search▲   

 
Price & Availability of 1N4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X